PART |
Description |
Maker |
MAX4691EBET MAX4692EBET MAX4693EBET MAX4694EBET MA |
Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX6505 MAXIM MAX6506 MAX6507 MAX6508 MAX6505UTP01 |
Trip temperature -10, 30 mA, dual trip SOT temperature switch Trip point 35, 30 mA, dual trip SOT temperature switch Trip point 20, 30 mA, dual trip SOT temperature switch Trip temperature 85, 30 mA, dual trip SOT temperature switch Trip temperature 90, 30 mA, dual trip SOT temperature switch Trip temperature 65, 30 mA, dual trip SOT temperature switch Trip temperature 45, 30 mA, dual trip SOT temperature switch Trip temperature 15, 30 mA, dual trip SOT temperature switch Trip point -15, 30 mA, dual trip SOT temperature switch Trip point -35, 30 mA, dual trip SOT temperature switch Trip point -10, 30 mA, dual trip SOT temperature switch Trip point -5, 30 mA, dual trip SOT temperature switch Trip point 0, 30 mA, dual trip SOT temperature switch Trip temperature 95, 30 mA, dual trip SOT temperature switch Trip temperature 110, 30 mA, dual trip SOT temperature switch Trip temperature -20, 30 mA, dual trip SOT temperature switch Trip temperature 75, 30 mA, dual trip SOT temperature switch Trip point 70, 30 mA, dual trip SOT temperature switch Trip point 10, 30 mA, dual trip SOT temperature switch Dual Trip SOT Temperature Switches Trip point 5, 30 mA, dual trip SOT temperature switch Trip point 75, 30 mA, dual trip SOT temperature switch Trip temperature -25, 30 mA, dual trip SOT temperature switch Trip temperature -15, 30 mA, dual trip SOT temperature switch Trip point -30, 30 mA, dual trip SOT temperature switch Trip temperature 35, 30 mA, dual trip SOT temperature switch Trip temperature 55, 30 mA, dual trip SOT temperature switch Trip temperature 70, 30 mA, dual trip SOT temperature switch Trip temperature 40, 30 mA, dual trip SOT temperature switch Trip temperature 105, 30 mA, dual trip SOT temperature switch Trip point 25, 30 mA, dual trip SOT temperature switch Trip point 45, 30 mA, dual trip SOT temperature switch
|
MAX6508 MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX4694EGE-T |
Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/Quad SPDT in UCSP Package QUAD 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PQCC16
|
Maxim Integrated Products, Inc.
|
MAX4691 MAX4691EBE-T MAX4691EGE MAX4691-MAX4694 MA |
Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package " Low-Voltage, 8:1 Mux/Dual 4:1 Mux/Triple SPDT/Quad SPDT in UCSP Package"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MC100E155FN MC100E155FNR2 MC10E155FN MC10E155FNR2 |
5V ECL 6−Bit 2:1 Mux−Latch 10E SERIES, LOW LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PQCC28 5V ECL 6−Bit 2:1 Mux−Latch
|
ONSEMI[ON Semiconductor]
|
ICL320705 ICL3217IBZ ICL3207 ICL3207CA ICL3207CAZ |
Low Power, 3V To 5.5V, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 24-SSOP T&R TRIPLE LINE TRANSCEIVER, PDSO24
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|
MC623 ON1154 MC623DR2 |
3V, Dual Trip Point Temperature Sensor From old datasheet system 3V,DUAL TRIP POINT TENPERATURE SENSOR
|
ONSEMI[ON Semiconductor]
|
MAX9766ETJ MAX9765ETJ MAX9767ETJ MAX9765 |
750mW Audio Amplifiers with Headphone Amp, Microphone Preamp, and Input Mux
|
MAXIM[Maxim Integrated Products]
|
SN74LS10N SN54LS10 SN74LS10D SN54LS10J |
500mA, 5V,±4% Tolereance, Voltage Regulator, Ta = 0°C to 125°C; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Rail; Qty per Container: 75 LS SERIES, TRIPLE 3-INPUT NAND GATE, PDIP14
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
43P-500 43P-201 43P-204 43P-503 43P-202 43P-502 43 |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits TRIMMER 19.1MM CERMET MEHR 200K 0.75W TRIMMER 19.1MM CERMET MEHR 50K 0.75W TRIMMER 19.1MM CERMET MEHR 2K 0.75W TRIMMER 19.1MM CERMET MEHR 500R 0.75W Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 修边50 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 修边0 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 修边9.1金属陶瓷伊朗Mehr 20,000 0.75W Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 修边9.1金属陶瓷伊朗Mehr 500K.75W Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 修边机一 TRIMMER 100R TRIMMER 20K TRIMMER 10K
|
Ecliptek, Corp. TE Connectivity, Ltd. Vishay Intertechnology, Inc.
|
LT6559CUD LT6559CUDTRPBF |
Low Cost 5V/±5V 300MHz Triple Video Amplifi er in 3mm × 3mm QFN Low Cost 5V/±5V 300MHz Triple Video Amplifier in 3mm x 3mm QFN; Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C 3 CHANNEL, VIDEO AMPLIFIER, PQCC16
|
Linear Technology, Corp.
|
|